PART |
Description |
Maker |
KA5H0380 KA5X03XX03 KA5X03XX KA5H0365R KA5H0365RTU |
Fairchild Power Switch(FPS) 3A/650V 100KHz Power Switch 3A/800V 100KHz Power Switch 3A/800V 50KHz Power Switch 3A/800V 70KHz Power Switch 3A/650V 70KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BCDMOS,SIP,4PIN,PLASTIC
|
FAIRCHILD[Fairchild Semiconductor] http://
|
BESM18MI-NSC-50B-S04G BESM12MI-NSC-20B-S04G BESM18 |
PROXIMITY SWITCH M12 PNP PROXIMITY SWITCH M30 PNP COVER FUSE TRANSPRNT FOR 656/658 PROXIMITY SWITCH M8 PNP PROXIMITY SWITCH M8 NPN PROXIMITY SWITCH M30 NPN PROXIMITY SWITCH M18 PNP PROXIMITY SWITCH M18 NPN 近接开关株M18 npn PROXIMITY SWITCH M12 NPN 近接开关M12 npn
|
Unisonic Technologies Co., Ltd.
|
BT134W-500D BT134W-600D BT134WD BT134WSERIESD |
Pushbutton Switch; Illumination:Illuminated; Actuator Style:Square; Circuitry:SPDT; Switch Operation:On; Switch Terminals:Solder Lug; Contact Current Max:7A; Leaded Process Compatible:No; Mounting Type:Panel Triacs logic level
|
Philips Semiconductors
|
TP48UW5S2000M |
Pushbutton Switch; Illumination:Non-Illuminated; Actuator Style:Round; Actuator Diameter:1.32mm; Circuitry:SPST; Switch Operation:Off-(On); Switch Terminals:Through Hole; Actuator Height:1.98mm; Contact Rating:0.4 VA RoHS Compliant: Yes 模拟IC
|
Atmel, Corp.
|
FDFMM-TTL-11T FDFMM-TTL-11F FDFMM-TTL-11J FDFMM-TT |
SWITCH, SM, 10 POS, SPST SWITCH TOGGLE DPDT SEAL RT ANGLE SWITCH TOGGLE SPDT SEAL VERT R/A Analog Miscellaneous 模拟杂项
|
NXP Semiconductors N.V. Electronic Theatre Controls, Inc.
|
MAX394 MAX394CPP MAX394CWP MAX394EPP MAX394EWP MAX |
Low-Voltage, Quad, SPDT, CMOS Analog Switch -- Replaces MAX333A Replaced by SN65LV1224B : 1:10 LVDS Serdes Receiver 100 - 660Mbps 28-SSOP -40 to 85 SWITCH TACT 6MM RIGHT ANG 100GF QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, UUC19
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NC7SB3157L6X FSA3157P6X FSA3157 FSA3157L6X NC7SB31 |
TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 微型逻辑低电压超高强SPDT模拟开关或2:1多路复用解复用器总线开 TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
209-3LPST 209-2LPST 209-10LPST 209-8LPST 209-7LPST |
SWITCH SPST AUTO 3 SEC SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 2 SEC SLIDE DIP SWITCH-2SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 10 SEC SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 8 SEC SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 7 SEC SLIDE DIP SWITCH-7SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT Through Hole DIP Switch SWITCH RAISED ACTUATOR 5 SEC SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT
|
CTS, Corp. CTS Corporation
|
SRJ23A3BBBNN |
Rocker Switch; Circuitry:SPST-NO; Switch Operation:On-On; Contact Current Max:20A; Contact Rating:20A; Leaded Process Compatible:Yes; Mounting Type:Panel; Peak Reflow Compatible (260 C):No; Switch Function:SPST-NO
|
THE CHERRY CORP
|
UPD22100 UPD22100C UPD22100GS UPD22148 UPD22148CA |
DSP-CROSSBAR SWITCH, PDIP22 CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
|
NEC Corp. NEC[NEC]
|
IBS10B02106AR |
SPECIAL SWITCH-MULTI SWITCH, LATCHED, 0.25A, 28VDC, PANEL MOUNT
|
SWITCHCRAFT INC
|